PART |
Description |
Maker |
P4C1258-25CMB P4C1258L-25CMB P4C1258-45LMB P4C1258 |
VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R Micro Power Voltage detector, w/push pull active low, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R MICTO POWER VOLTAGE DETECTOR, W/ACTIVE DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R x4的SRAM MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN ACTIVE LOW, -40C to 125C, 4-SOT-143, T/R x4的SRAM VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R x4的SRAM x4 SRAM x4的SRAM
|
Unisonic Technologies Co., Ltd. Pyramid Semiconductor, Corp.
|
NVT2001 NVT2002 NVT2002DP NVT2001GM |
Bidirectional voltage level translator for open-drain and push-pull applications
|
NXP Semiconductors NXP Semiconductors N.V.
|
NVT2008 NVT2010BQ NVT2010PW |
Bidirectional voltage-level translator for open-drain and push-pull applications
|
NXP Semiconductors
|
HV610 |
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
|
Supertex, Inc
|
UM3204Q UM3204-14 UM3204UE |
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
|
Union Semiconductor, In...
|
MCP6542 MCP6542-I/MS MCP6542-I/P MCP6542-I/SN MCP6 |
The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... Push-Pull Output Sub-Microamp Comparators The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the 16 lead PDIP, SOIC and 14 lead TSSOP pack The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package, The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package. The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC, MSOP and five le The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current ... The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... From old datasheet system IC,VOLT COMPARATOR,DUAL,CMOS,TSSOP,8PIN,PLASTIC
|
Microchip Technology Inc.
|
NVT2008BQ |
Bidirectional voltage-level translator for open-drain and push-pull applications GTL TO TTL TRANSCEIVER, PQCC20
|
NXP Semiconductors N.V.
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ISL6740 ISL6740IB ISL6740IBZ ISL6740IVZ ISL6741IVZ |
Flexible Double Ended Voltage and Current Mode PWM Controllers PWM controller for hard-switched full bridge and push-pull applications
|
INTERSIL[Intersil Corporation]
|
|